Part Number Hot Search : 
64AI12FA W24512A 25L80 220M4 220M4 IF2403S MAX41 MA558
Product Description
Full Text Search
 

To Download B41125B7227M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors
SMD capacitors
Series/Type: Date:
B41125 March 2009
(c) EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
SMD capacitors Long life 105 C
B41125
General-purpose grade capacitors Applications General-purpose applications in the entertainment industry Features RoHS-compatible Load life of 2000 h at 105 C Wide temperature range ( 55 C ... +105 C) Construction Surface mounting device Minus pole marking on the case Delivery mode Taped and reeled Refer to chapter "SMD capacitors - Taping and packing" for further details.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 17
B41125 Long life 105 C
Specifications and characteristics in brief Rated voltage VR Operating temperature range Rated capacitance CR (20 C, 120 Hz) Capacitance tolerance Load life (105 C, VR) 4 ... 50 V DC 55 C ... +105 C 0.1 ... 1500 F 20% M 2000 h
Requirements: 20% of initial value C/C 4 V 35% of initial value 6.3 ... 16 V 25% of initial value Miniature size 35% of initial value tan 2 times initial specified limit lleak initial specified limit
Leakage current Ileak (20 C, after 2 minutes) Low temperature stability (impedance ratio) (120 Hz)
VR (V DC)
4 7
6.3 4
10 3
16 2
25 2
35 2
50 2
15 Shelf life
8
6
4
4
3
3
Frequency multiplier for rated ripple current
After storage for 1000 h at 105 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. 50 Hz 120 Hz 300 Hz 1 kHz 10 kHz 0.70 1.00 1.17 1.36 1.50
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 17
B41125 Long life 105 C
Dimensional drawings d x l (mm) 4 x 5.8 ... 6.3 x 7.7:
d x l (mm) 8 x 10 ... 10 x 10:

Case Terminal base board Minus pole Plus pole
Case dimensions d x l (mm) A B C E H
4 x 5.8 1.8 4.3 4.3 1.0
5 x 5.8
6.3 x 5.8
6.3 x 7.7 2.4 6.6 6.6 2.2
8 x 10
10 x 10
2.1 2.4 5.3 6.6 5.3 6.6 1.3 2.2 0.5 ... 0.8
2.9 3.2 8.3 10.3 8.3 10.3 3.1 4.5 0.8 ... 1.1
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 17
B41125 Long life 105 C
Layout recommendation
d x l (mm) 4.0 x 5.8 5.0 x 5.8 6.3 x 5.8 6.3 x 7.7 8.0 x 10.0 10.0 x 10.0
X 1.6 1.6 1.6 1.6 2.5 2.5
Y 2.6 3.0 3.5 3.5 3.5 4.0
a 1.0 1.4 2.1 2.1 3.0 4.0
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 17
B41125 Long life 105 C
Overview of available types VR (V DC) CR (F) 10 22 33 47 4 5 5 x 5.8 x 5.8 x 5.8 4 5 5 x 5.8 x 5.8 x 5.8 4 5 5 x 5.8 x 5.8 x 5.8 4 4 5 x 5.8 x 5.8 x 5.8 4.0 6.3 10 16
Case dimensions d x l (mm)
6.3 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 5.8 8 x 10 6.3 x 7.7 6.3 x 7.7 8 x 10 10 x 10 8 10 8 10 10 x 10 x 10 x 10 x 10 x 10
6.3 x 5.8
100 150 220
6.3 x 5.8 6.3 x 7.7 6.3 x 7.7
5 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 8 8 8 10 x 10 x 10 x 10 x 10
6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 8 8 10 10 10 x 10 x 10 x 10 x 10 x 10
330 470 680 1000 1500
6.3 x 7.7 8 8 8 10 x 10 x 10 x 10 x 10
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 17
B41125 Long life 105 C
VR (V DC) CR (F) 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47
25
35
50
Case dimensions d x l (mm) 4 4 4 4 4 4 4 4 4 5 x 5.8 x 5.8 x 5.8 4 5 x 5.8 x 5.8 x 5.8 x 5.8 4 4 5 x 5.8 x 5.8 x 5.8 x 5.8 x 5.8 x 5.8 x 5.8 x 5.8
6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 10 x 10 8 10 10 10 x 10 x 10 x 10 x 10
6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 8 8 10 8 10 x 10 x 10 x 10 x 10 x 10
6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 10 x 10 8 8 10 10 x 10 x 10 x 10 x 10
100
150 220 330 470
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 17
B41125 Long life 105 C
Technical data and ordering codes VR V DC 4 CR 120 Hz, 20 C F 22 33 47 100 150 220 330 470 680 1000 1500 22 33 47 100 100 150 220 220 330 330 470 680 1000 1500 Case dimensions dxl mm 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 5 x 5.8 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 tan max 120 Hz, 20 C 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.50 0.50 0.50 0.50 0.30 0.30 0.30 0.30 0.50 0.30 0.35 0.30 0.35 0.30 0.50 0.50 0.50 0.50 IAC,R 120 Hz, 105 C mA 22 31 37 62 86 102 105 210 210 230 310 26 33 46 71 42 96 150 117 230 143 230 230 278 290 Ordering code
6.3
B41125A1226M000 B41125A1336M000 B41125A1476M000 B41125A1107M000 B41125A1157M000 B41125A1227M000 B41125A1337M000 B41125A1477M000 B41125A1687M000 B41125A1108M000 B41125A1158M000 B41125A2226M000 B41125A2336M000 B41125A2476M000 B41125B2107M000 B41125A2107M000 B41125A2157M000 B41125B2227M000 B41125A2227M000 B41125B2337M000 B41125A2337M000 B41125A2477M000 B41125A2687M000 B41125A2108M000 B41125A2158M000
Type with miniaturized case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 17
B41125 Long life 105 C
Technical data and ordering codes VR V DC 10 CR 120 Hz, 20 C F 22 22 33 47 100 150 150 220 220 330 470 470 680 1000 10 22 22 33 47 47 47 100 100 150 220 220 220 330 330 470 470 680 Case dimensions dxl mm 5 x 5.8 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 5.8 8 x 10 6.3 x 7.7 8 x 10 10 x 10 8 x 10 10 x 10 10 x 10 4 x 5.8 5 x 5.8 4 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 5 x 5.8 8 x 10 6.3 x 5.8 6.3 x 7.7 10 x 10 6.3 x 7.7 8 x 10 10 x 10 8 x 10 10 x 10 8 x 10 10 x 10 tan max 120 Hz, 20 C 0.26 0.26 0.26 0.26 0.30 0.24 0.50 0.26 0.24 0.26 0.26 0.35 0.26 0.26 0.16 0.16 0.26 0.16 0.16 0.16 0.26 0.20 0.26 0.20 0.20 0.26 0.20 0.20 0.20 0.20 0.40 0.20 IAC,R 120 Hz, 105 C mA 35 30 43 48 71 102 64 160 124 195 270 220 310 310 28 39 29.5 65 70 84 39 120 70 96 210 117 150 230 201 340 240 340 Ordering code
16
B41125B3226M000 B41125A3226M000 B41125A3336M000 B41125A3476M000 B41125A3107M000 B41125B3157M000 B41125A3157M000 B41125B3227M000 B41125A3227M000 B41125A3337M000 B41125B3477M000 B41125A3477M000 B41125A3687M000 B41125A3108M000 B41125A4106M000 B41125B4226M000 B41125A4226M000 B41125A4336M000 B41125B4476M000 B41125C4476M000 B41125A4476M000 B41125B4107M000 B41125A4107M000 B41125A4157M000 B41125C4227M000 B41125A4227M000 B41125B4227M000 B41125B4337M000 B41125A4337M000 B41125B4477M000 B41125A4477M000 B41125A4687M000
Type with miniaturized case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 17
B41125 Long life 105 C
Technical data and ordering codes VR V DC 25 CR 120 Hz, 20 C F 4.7 10 10 22 33 47 47 100 100 150 220 220 330 470 2.2 3.3 4.7 10 22 33 47 47 100 100 100 150 220 220 330 Case dimensions dxl mm 4 x 5.8 5 x 5.8 4 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 5.8 8 x 10 6.3 x 7.7 8 x 10 10 x 10 8 x 10 8 x 10 10 x 10 4 x 5.8 4 x 5.8 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 6.3 x 7.7 10 x 10 6.3 x 7.7 8 x 10 8 x 10 10 x 10 8 x 10 10 x 10 tan max 120 Hz, 20 C 0.14 0.14 0.16 0.14 0.14 0.16 0.20 0.16 0.16 0.16 0.16 0.30 0.30 0.30 0.12 0.12 0.12 0.12 0.12 0.14 0.14 0.20 0.14 0.20 0.20 0.14 0.14 0.14 0.14 IAC,R 120 Hz, 105 C mA 22 28 28 55 65 72 65 130 101 130 190 130 130 230 14 17.5 21 28 55 79 98 98 160 98 98 120 180 157 220 Ordering code
35
B41125A5475M000 B41125B5106M000 B41125A5106M000 B41125A5226M000 B41125A5336M000 B41125B5476M000 B41125A5476M000 B41125B5107M000 B41125A5107M000 B41125A5157M000 B41125B5227M000 B41125A5227M000 B41125A5337M000 B41125A5477M000 B41125A7225M000 B41125A7335M000 B41125A7475M000 B41125A7106M000 B41125A7226M000 B41125A7336M000 B41125B7476M000 B41125A7476M000 B41125C7107M000 B41125A7107M000 B41125B7107M000 B41125A7157M000 B41125B7227M000 B41125A7227M000 B41125A7337M000
Type with miniaturized case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 17
B41125 Long life 105 C
Technical data and ordering codes VR V DC 50 CR 120 Hz, 20 C F 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 22 33 33 47 47 47 100 100 150 220 Case dimensions dxl mm 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 5.8 8 x 10 6.3 x 7.7 10 x 10 6.3 x 7.7 8 x 10 8 x 10 10 x 10 10 x 10 10 x 10 tan max 120 Hz, 20 C 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.12 0.14 0.12 0.12 0.14 0.14 0.12 0.12 0.18 IAC,R 120 Hz, 105 C mA 1.0 2.6 3.2 5 10 16 16 23 35 43 35 91 52 100 63 95 140 150 150 150 Ordering code
B41125A6104M000 B41125A6224M000 B41125A6334M000 B41125A6474M000 B41125A6105M000 B41125A6225M000 B41125A6335M000 B41125A6475M000 B41125A6106M000 B41125B6226M000 B41125A6226M000 B41125B6336M000 B41125A6336M000 B41125C6476M000 B41125A6476M000 B41125B6476M000 B41125A6107M000 B41125B6107M000 B41125A6157M000 B41125A6227M000
Type with miniaturized case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 17
B41125 Long life 105 C
Mounting instructions Soldering Recommended conditions for series B41115, B41123, B41125 and B41145 For reflow, use thermal conduction systems such as infrared radiation (IR) or hot blast. Vapor heat transfer systems (VPS) are not recommended. Observe proper soldering conditions (temperature, time, etc.). Do not exceed the specified limits. Temperature measuring method: Measure temperature in assuming quantitative production, by sticking the thermo-couple to the capacitor upper part with epoxy adhesives. Consult us for additional reflow restrictions.
d (mm) Peak temperature Time in peak temperature Time in 230 C or more Time in 200 C or more Time of reflow
4 ... 6.3 260 C (255 C) 5 s in 250 C or more (10 s in 250 C or more) 30 s 70 s 2 times
8 ... 10 245 C 10 s in 240 C or more 30 s 70 s 2 times
Please read Cautions and warnings and Important notes at the end of this document.
Page 12 of 17
B41125 Long life 105 C
Taping and packing Taping of SMD capacitors
Case dimensions d x l (mm) W P F A0 B0 T2
4 x 5.4 12.0 8.0 5.5 5.0 5.0 5.8
4 x 5.8 12.0 8.0 5.5 5.0 5.0 6.3
5 x 5.4 12.0 12.0 5.5 6.0 6.0 5.8
5 x 5.8 12.0 12.0 5.5 6.0 6.0 6.3
6.3 x 5.4 16.0 12.0 7.5 7.0 7.0 5.8
Case dimensions d x l (mm) W P F A0 B0 T2
6.3 x 5.8 16.0 12.0 7.5 7.0 7.0 6.3
6.3 x 7.7 16.0 12.0 7.5 7.0 7.0 8.2
8 x 6.2 16.0 12.0 7.5 8.7 8.7 6.8
8 x 10 24.0 16.0 11.5 8.7 8.7 11.0
10 x 10 24.0 16.0 11.5 10.7 10.7 11.0
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 17
B41125 Long life 105 C
Reel packing
Capacitor dimensions d x l (mm) 4xl 5 x l, 6.3 x l, 8 x 6.2 8 x 10, 10 x l d x l (mm) A
Quantity per reel pcs. 2000 pcs. 1000 pcs. 500 pcs.
4 x l, 5 x l 14
6.3 x l, 8 x 6.2 18
8 x 10, 10 x l 26
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 17
B41125 Long life 105 C
Cautions and warnings General 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70 - 80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d = 18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. containing acids or alkalis, the solderability of the leads may be affected.The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6 - 8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
Page 15 of 17
B41125 Long life 105 C
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
Page 16 of 17
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 17 of 17


▲Up To Search▲   

 
Price & Availability of B41125B7227M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X